công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 651 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 651 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 647Page - Renesas Technology Corp H8S/2112 Datasheet HTML 648Page - Renesas Technology Corp H8S/2112 Datasheet HTML 649Page - Renesas Technology Corp H8S/2112 Datasheet HTML 650Page - Renesas Technology Corp H8S/2112 Datasheet HTML 651Page - Renesas Technology Corp H8S/2112 Datasheet HTML 652Page - Renesas Technology Corp H8S/2112 Datasheet HTML 653Page - Renesas Technology Corp H8S/2112 Datasheet HTML 654Page - Renesas Technology Corp H8S/2112 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 627 of 866
REJ09B0451-0100
20.3.3
A/D Control Register (ADCR)
ADCR enables A/D conversion started by an external trigger signal.
Bit
Bit Name Initial Value
R/W
Description
7
6
TRGS1
TRGS0
0
0
R/W
R/W
Timer Trigger Select 1 and 0
Enable the start of A/D conversion by a trigger signal.
00: A/D conversion start by external trigger is disabled
01: A/D conversion start by conversion trigger from
TPU
10: A/D conversion start by conversion trigger from
TMR
11: Setting prohibited
5
4
SCANE
SCANS
0
0
R/W
R/W
Scan Mode
Select the A/D conversion operating mode.
0x: Single mode
10: Scan mode
Continuous A/D conversion on 1 to 4 channels
11: Scan mode
Continuous A/D conversion on 1 to 8 channels
3
2
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock (ADCLK)* used in A/D
conversion. Set these bits while the ADST bit in
ADCSR is 0, then set the conversion mode.
00:
φ
01:
φ/2
10:
φ/4
00:
φ/8
1
ADSTCLR 0
R/W
A/D Start Clear
Sets the automatic clearing of the ADST bit in scan
mode.
0: Disables the automatic clearing of the ADST bit in
scan mode
1: Automatically clears the bit when A/D conversion of
all of the selected channels are completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com