công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 654 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 654 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 650Page - Renesas Technology Corp H8S/2112 Datasheet HTML 651Page - Renesas Technology Corp H8S/2112 Datasheet HTML 652Page - Renesas Technology Corp H8S/2112 Datasheet HTML 653Page - Renesas Technology Corp H8S/2112 Datasheet HTML 654Page - Renesas Technology Corp H8S/2112 Datasheet HTML 655Page - Renesas Technology Corp H8S/2112 Datasheet HTML 656Page - Renesas Technology Corp H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp H8S/2112 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 630 of 866
REJ09B0451-0100
20.4.2
Scan Mode
In scan mode, A/D conversion is performed sequentially on the specified channels (max. four
channels or eight channels). Operations are as follows.
1. When the ADST bit in ADCSR is set to 1 by software, the TPU, or the TMR, A/D conversion
starts on the first channel in the selected channel set.
2. Continuous A/D conversion on up to four channels (SCANE
= 1 and SCANS = 0) or
continuous A/D conversion on up to eight channels (SCANE
= 1 and SCANS = 1) can be
selected. When continuous A/D conversion on four channels is selected, A/D conversion starts
from the following channels: AN0 when CH3
= 0 and CH2 = 0, AN4 when CH3 = 0 and CH2
= 1, and AN8 when CH3 = 1 and CH2 = 0.
When continuous A/D conversion on eight channels is selected, A/D conversion starts from
AN0 when CH3
= 0 and CH2 = 0.
3. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
4. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested. Conversion from the first
channel in the channel set starts again.
5. The ADST bit is not automatically cleared to 0 so steps [2] and [3] are repeated as long as the
ADST bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops and the
A/D converter enters wait state. After this, setting the ADST bit to 1 starts A/D conversion
from the first channel again.
6. When the ADST bit is automatically cleared on completion of the A/D conversion of all of the
selected channels with the ADSTCLR bit in ADCR set to 1, A/D conversion stops and enters
the wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com