công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 659 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 659 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 655Page - Renesas Technology Corp H8S/2112 Datasheet HTML 656Page - Renesas Technology Corp H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp H8S/2112 Datasheet HTML 658Page - Renesas Technology Corp H8S/2112 Datasheet HTML 659Page - Renesas Technology Corp H8S/2112 Datasheet HTML 660Page - Renesas Technology Corp H8S/2112 Datasheet HTML 661Page - Renesas Technology Corp H8S/2112 Datasheet HTML 662Page - Renesas Technology Corp H8S/2112 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 635 of 866
REJ09B0451-0100
20.7
Usage Notes
20.7.1
Module Stop Mode Setting
The A/D converter operation can be enabled or disabled using the module stop control register.
With the initial setting, the A/D converter is stopped. Register access is enabled by canceling
module stop mode. For details, see section 24, Power-Down Modes.
20.7.2
Permissible Signal Source Impedance
This LSI's analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally in single mode, the input load will essentially comprise only the internal input
resistance of 10 k
Ω, and the signal source impedance is ignored. However, since a low-pass filter
effect is obtained in this case, it may not be possible to follow an analog signal with a large
differential coefficient (e.g., voltage fluctuation ratio of 5 mV/µs or greater) (see figure 20.5).
When converting a high-speed analog signal or converting in scan mode, a low-impedance buffer
should be inserted.
A/D converter equivalent circuit
This LSI
20 pF
Cin =
10 pF
10 k
Ω
Up to 5 k
Ω
Low-pass
filter C
Up to 0.1 µF
Sensor output
impedance
Sensor input
Figure 20.5 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com