công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 661 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 661 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp H8S/2112 Datasheet HTML 658Page - Renesas Technology Corp H8S/2112 Datasheet HTML 659Page - Renesas Technology Corp H8S/2112 Datasheet HTML 660Page - Renesas Technology Corp H8S/2112 Datasheet HTML 661Page - Renesas Technology Corp H8S/2112 Datasheet HTML 662Page - Renesas Technology Corp H8S/2112 Datasheet HTML 663Page - Renesas Technology Corp H8S/2112 Datasheet HTML 664Page - Renesas Technology Corp H8S/2112 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 637 of 866
REJ09B0451-0100
20.7.6
Notes on Noise Countermeasures
A protection circuit connected to prevent damage of the analog input pins (AN0 to AN11) and
analog reference voltage pin (AVref) due to an abnormal voltage such as an excessive surge
should be connected between AVcc and AVss, as shown in figure 20.6. Also, the bypass
capacitors connected to AVcc and AVref, and the filter capacitors connected to AN0 to AN11
must be connected to AVss.
If a filter capacitor is connected, the input currents at the analog input pins (AN0 to AN11) are
averaged, and so an error may arise. Also, when A/D conversion is performed frequently, as in
scan mode, if the current charged and discharged by the capacitance of the sample-and-hold circuit
in the A/D converter exceeds the current input via the input impedance (R
in), an error will arise in
the analog input pin voltage. Careful consideration is therefore required when deciding the circuit
constants.
AV
CC
*1
*1
AN0 to AN11
AV
SS
Notes:
Values are reference values.
1.
2. R
in: Input impedance
R
in*
2
100
Ω
0.1 µF
0.01 µF
10 µF
AV
ref
Figure 20.6 Example of Analog Input Protection Circuit
Table 20.7
Analog Pin Specifications
Item
Min.
Max.
Unit
Analog input capacitance
20
pF
Permissible signal-source
impedance
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com