công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 661Page - Renesas Technology Corp H8S/2112 Datasheet HTML 662Page - Renesas Technology Corp H8S/2112 Datasheet HTML 663Page - Renesas Technology Corp H8S/2112 Datasheet HTML 664Page - Renesas Technology Corp H8S/2112 Datasheet HTML 665Page - Renesas Technology Corp H8S/2112 Datasheet HTML 666Page - Renesas Technology Corp H8S/2112 Datasheet HTML 667Page - Renesas Technology Corp H8S/2112 Datasheet HTML 668Page - Renesas Technology Corp H8S/2112 Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 641 of 866
REJ09B0451-0100
Section 22 Flash Memory
The flash memory has the following features. Figure 22.1 is a block diagram of the flash memory.
22.1
Features
• Size
Product Classification
ROM Size
ROM Address
H8S/2112
R4F2112
96 kbytes
H'000000 to H'017FFF
• Programming/erasing interface by the download of on-chip program
This LSI has a programming/erasing program. After downloading this program to the on-chip
RAM, programming/erasing can be performed by setting the parameters.
• Programming/erasing time
Programming time: 1 ms (typ) for 128-byte simultaneous programming, 7.8
µs per byte
Erasing time: 300 ms (typ) per 1 block (32 kbytes)
• Number of programming
The number of programming can be up to 100 times at the minimum. (1 to 100 times are
guaranteed.)
• Two on-board programming modes
Boot mode: Using the on-chip SCI-1, the user MAT can be programmed/erased. In boot mode,
the bit rate between the host and this LSI can be adjusted automatically.
User program mode: Using a desired interface, the user MAT can be programmed/erased.
• Off-board programming mode
Programmer mode: Using a PROM programmer, the user MAT can be programmed/erased.
• Programming/erasing protection
Protection against programming/erasing of the flash memory can be set by hardware
protection, software protection, or error protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com