công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 667 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 667 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 663Page - Renesas Technology Corp H8S/2112 Datasheet HTML 664Page - Renesas Technology Corp H8S/2112 Datasheet HTML 665Page - Renesas Technology Corp H8S/2112 Datasheet HTML 666Page - Renesas Technology Corp H8S/2112 Datasheet HTML 667Page - Renesas Technology Corp H8S/2112 Datasheet HTML 668Page - Renesas Technology Corp H8S/2112 Datasheet HTML 669Page - Renesas Technology Corp H8S/2112 Datasheet HTML 670Page - Renesas Technology Corp H8S/2112 Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 643 of 866
REJ09B0451-0100
22.2
Mode Transition Diagram
When the mode pins are set in the reset state and reset start is performed, this LSI enters each
operating mode as shown in figure 22.2. Although the flash memory can be read in user mode, it
cannot be programmed or erased. The flash memory can be programmed or erased in boot mode,
user program mode, user boot mode, and programmer mode. The differences between boot mode,
user program mode, user boot mode, and programmer mode are shown in table 22.1.
Reset state
Programmer
mode
User mode
User
program
mode
Boot mode
On-board programming mode
End of
programming/
erasure
Start of
programming/
erasure
RES
= 0
User
mode
setting
Boot
mode
setting
RES
= 0
RES = 0
Programmer mode setting
User
boot mode
Figure 22.2 Mode Transition of Flash Memory
Table 22.1
Differences between Boot Mode, User Program Mode, and Programmer Mode
Item
Boot Mode
User Program Mode
User Boot Mode
Programmer
Mode
Programming/
erasing environment
On-board
programming
On-board
programming
On-board
programming
PROM
programmer
Programming/
erasing enable MAT
• User MAT
• User boot
MAT
• User MAT
• User MAT
• User MAT
• User boot
MAT
All erasure
O (Automatic)
O
O
O (Automatic)
Block division
erasure
O*
1
O
O
×
Programming data
transfer
From host via
SCI
Via any device
Via any device
Via
programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com