công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 671 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 671 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 667Page - Renesas Technology Corp H8S/2112 Datasheet HTML 668Page - Renesas Technology Corp H8S/2112 Datasheet HTML 669Page - Renesas Technology Corp H8S/2112 Datasheet HTML 670Page - Renesas Technology Corp H8S/2112 Datasheet HTML 671Page - Renesas Technology Corp H8S/2112 Datasheet HTML 672Page - Renesas Technology Corp H8S/2112 Datasheet HTML 673Page - Renesas Technology Corp H8S/2112 Datasheet HTML 674Page - Renesas Technology Corp H8S/2112 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 647 of 866
REJ09B0451-0100
22.5
Programming/Erasing Interface
Programming/erasing of the flash memory is done by downloading an on-chip
programming/erasing program to the on-chip RAM and specifying the start address of the
programming destination, the program data, and the erase block number using the
programming/erasing interface registers and programming/erasing interface parameters.
The procedure program for user program mode is made by the user. Figure 22.5 shows the
procedure for creating the procedure program. For details, see section 22.8.2, User Program Mode.
Download on-chip program
by setting FKEY and
SCO bit in FCCS
Yes
No
Execute initialization
(downloaded program execution)
Select on-chip program
to be downloaded and
specify destination
Programming (in 128-byte units)
or erasing (in 1-block units)
(downloaded program execution)
Start procedure program for
programming/erasing
End procedure program
Programming/erasing
completed?
Figure 22.5 Procedure for Creating Procedure Program
(1)
Selection of On-Chip Program to be Downloaded
This LSI has programming/erasing programs which can be downloaded to the on-chip RAM. The
on-chip program to be downloaded is selected by the programming/erasing interface registers. The
start address of the on-chip RAM where an on-chip program is downloaded is specified by the
flash transfer destination address register (FTDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com