công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 669 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 669 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 665Page - Renesas Technology Corp H8S/2112 Datasheet HTML 666Page - Renesas Technology Corp H8S/2112 Datasheet HTML 667Page - Renesas Technology Corp H8S/2112 Datasheet HTML 668Page - Renesas Technology Corp H8S/2112 Datasheet HTML 669Page - Renesas Technology Corp H8S/2112 Datasheet HTML 670Page - Renesas Technology Corp H8S/2112 Datasheet HTML 671Page - Renesas Technology Corp H8S/2112 Datasheet HTML 672Page - Renesas Technology Corp H8S/2112 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 645 of 866
REJ09B0451-0100
22.3
Flash Memory MAT Configuration
This LSI's flash memory is configured by the 96-kbyte user MAT and 8-kbyte user boot MAT.
The start address is allocated to the same address in the user MAT and user boot MAT. Therefore,
when program execution or data access is performed between two MATs, the MAT must be
switched by using FMATS.
The user MAT or user boot MAT can be read in all modes. However, the user boot MAT can be
programmed only in boot mode and programmer mode.
<User MAT>
<User boot MAT>
Address H'000000
Address H'017FFF
Address H'000000
Address H'001FFF
96 kbytes
8 kbytes
Figure 22.3 Flash Memory Configuration
The size of the user MAT is different from that of the user boot MAT. An address that exceeds the
size of the 8-kbyte user boot MAT should not be accessed. If the attempt is made, data is read as
an undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com