công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 660 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 660 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 656Page - Renesas Technology Corp H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp H8S/2112 Datasheet HTML 658Page - Renesas Technology Corp H8S/2112 Datasheet HTML 659Page - Renesas Technology Corp H8S/2112 Datasheet HTML 660Page - Renesas Technology Corp H8S/2112 Datasheet HTML 661Page - Renesas Technology Corp H8S/2112 Datasheet HTML 662Page - Renesas Technology Corp H8S/2112 Datasheet HTML 663Page - Renesas Technology Corp H8S/2112 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 636 of 866
REJ09B0451-0100
20.7.3
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect the absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not interfere with digital signals on the
mounting board, so acting as antennas.
20.7.4
Setting Range of Analog Power Supply and Other Pins
If conditions shown below are not met, the reliability of this LSI may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pins (AN0 to AN11) during A/D conversion should be in
the range AVss
≤ ANn ≤ AVref (n = 0 to 11).
• Relation between AVcc, AVss and Vcc, Vss
As the relationship between AVcc, AVss and Vcc, Vss, set AVcc = Vcc
±0.3 V and AVss =
Vss. If the A/D converter is not used, set AVcc = Vcc and AVss = Vss.
• AVref pin range
The reference voltage of the AVref pin should be in the range AVref
≤ AVcc.
20.7.5
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values. Also, digital
circuitry must be isolated from the analog input pins (AN0 to AN11), analog reference voltage
(AVref), and analog power supply voltage (AVcc) by the analog ground (AVss). Also, the analog
ground (AVss) should be connected at one point to a stable ground (Vss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com