| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8B bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 406 page ![]() M32C/8B Group 1. Overview REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 6 of 385 Under development Preliminary specification Specifications in this manual are tentative and subject to change. 1.2 Product List Table 1.5 lists product information. Figure 1.1 shows product numbering system. Table 1.5 Product List (M32C/8B) Current as of Oct. 2008 (D): Under development, (P): Under planning NOTE: 1. Additional 8-Kbyte space is available for data flash memory. Figure 1.1 Product Numbering System Part No. Package code ROM Capacity RAM Capacity Remarks M308B8FGGP (D) PLQP0144KA-A (144P6Q-A) 256 KB + 8KB(1) 32 KB Flash memory M308B6FGGP (D) PLQP0100KB-A (100P6Q-A) M308B8FCGP (P) PLQP0144KA-A (144P6Q-A) 128 KB + 8KB(1) M308B6FCGP (P) PLQP0100KB-A (100P6Q-A) M308B8SGP (D) PLQP0144KA-A (144P6Q-A) − ROMless M308B6SGP (D) PLQP0100KB-A (100P6Q-A) Part No. M30 8B x F G GP Package type option GP: PLQP0144KA-A (144P6Q-A) GP: PLQP0100KB-A (100P6Q-A) ROM capacity C: 128 Kbytes G: 256 Kbytes Memory Type F: Flash memory version S: ROMless version RAM capacity, pin count, etc. (The value itself has no specific meaning.) M32C/8B Group M16C Family |