| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8B bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 406 page ![]() REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 1 of 385 PRELIMINARY M32C/8B Group RENESAS MCU Notice: This is not a final specification. Some parametric limits are subject to change. 1. Overview 1.1 Features The M32C/8B Group is a single-chip control MCU, fabricated using high-performance silicon gate CMOS technology, embedding the M32C/80 Series CPU core. The M32C/8B Group is housed in 144-pin and 100-pin plastic molded LQFP packages. With a 16-Mbyte address space, this MCU combines advanced instruction manipulation capabilities to process complex instructions by less bytes and execute instructions at higher speed. The M32C/8B Group has a multiplier and DMAC adequate for office automation, communication devices and industrial equipment, and other high-speed processing applications. 1.1.1 Applications • Audio-Visual equipment (e.g. televisions, audio components) • Home Appliances (e.g. air conditioners, washing machines, sewing machines) • Industrial equipment (e.g. programmable logic controllers) • Computers and peripherals, cameras, etc. 1.1.2 Specifications Tables 1.1 to 1.4 list the specifications of the M32C/8B Group. |