| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8B bảng dữ liệu(PDF) 136 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B bảng dữ liệu(HTML) 136 Page - Renesas Technology Corp |
|
136 / 406 page ![]() Under development M32C/8B Group 12. Watchdog Timer Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 119 of 385 Figure 12.3 WDC Register, WDTS Register b7 0 0 b6 b5 b4 b1 b2 b3 Watchdog Timer Control Register Symbol WDC Address 000Fh Bit Symbol Bit Name RW − (b4-b0) After Reset 000X XXXXb b0 Function − (b6-b5) High-order bits of watchdog timer WDC7 RW Reserved bits Prescaler select bit RW RO Set to 0 0: Divide-by-16 1: Divide-by-128 b7 Watchdog Timer Start Register Symbol WDTS Address 000Eh RW Address Undefined b0 Function The counter is initialized and starts decrementing by a write instruction to the WDTS register. 7FFFh is the default value after initialization no matter what value is written. WO |