| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/8B bảng dữ liệu(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B bảng dữ liệu(HTML) 129 Page - Renesas Technology Corp |
|
129 / 406 page ![]() Under development M32C/8B Group 11. Interrupts Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 112 of 385 Figure 11.11 INTi Interrupt Setting Procedures (i = 0 to 5) Start INTiIC register: POL bit LVS bit = 0 IFSR register: IFSRi bit INTiIC register: bits ILVL2 to ILVL0 = 000b Interrupt disabled Select polarity (Set to 0 when both edges are selected) Select edge sensitive Select either one edge or both edges INTiIC register: IR bit = 0 Clear the interrupt request bit End < Procedure for Edge Sensitive > < Procedure for Level Sensitive > i = 0 to 5 Start INTiIC register: POL bit LVS bit = 1 IFSR register: IFSRi bit = 0 INTiIC register: bits ILVL2 to ILVL0 = 000b Interrupt disabled Select polarity Select level sensitive Select one edge End INTiIC register: bits ILVL2 to ILVL0 Interrupt enabled INTiIC register: IR bit = 0 Clear the interrupt request bit INTiIC register: bits ILVL2 to ILVL0 Interrupt enabled |