| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7261 bảng dữ liệu(PDF) 161 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 bảng dữ liệu(HTML) 161 Page - Renesas Technology Corp |
|
161 / 1348 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 129 of 1312 REJ09B0320-0200 6.3.6 PINT Interrupt Enable Register (PINTER) PINTER is a 16-bit register that enables interrupt request inputs to external interrupt input pins PINT7 to PINT0. PINTER is initialized by a power-on reset or in deep standby mode. 0 1 2 3 4 5 6 7 — — — — — — — — 00 0 0 0 0 0 0 00 0 0 0 0 0 0 R R R R R R R R Bit: Initial value: R/W: 15 14 13 12 11 10 9 8 R/W R/W R/W R/W R/W R/W R/W R/W PINT 7E PINT 6E PINT 5E PINT 4E PINT 3E PINT 2E PINT 1E PINT 0E Bit Bit Name Initial Value R/W Description 15 to 8 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 7 PINT7E 0 R/W 6 PINT6E 0 R/W 5 PINT5E 0 R/W 4 PINT4E 0 R/W 3 PINT3E 0 R/W 2 PINT2E 0 R/W 1 PINT1E 0 R/W 0 PINT0E 0 R/W PINT Enable These bits select whether to enable interrupt request inputs to external interrupt input pins PINT7 to PINT0. 0: PINTn input interrupt request is disabled 1: PINTn input interrupt request is enabled [Legend] n = 7 to 0 |