| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7261 bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp |
|
66 / 1348 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 34 of 1312 REJ09B0320-0200 2.3.2 Addressing Modes Addressing modes and effective address calculation are as follows: Table 2.8 Addressing Modes and Effective Addresses Addressing Mode Instruction Format Effective Address Calculation Equation Register direct Rn The effective address is register Rn. (The operand is the contents of register Rn.) — Register indirect @Rn The effective address is the contents of register Rn. Rn Rn Rn Register indirect with post-increment @Rn+ The effective address is the contents of register Rn. A constant is added to the contents of Rn after the instruction is executed. 1 is added for a byte operation, 2 for a word operation, and 4 for a longword operation. Rn Rn 1/2/4 + Rn + 1/2/4 Rn (After instruction execution) Byte: Rn + 1 → Rn Word: Rn + 2 → Rn Longword: Rn + 4 → Rn Register indirect with pre-decrement @-Rn The effective address is the value obtained by subtracting a constant from Rn. 1 is subtracted for a byte operation, 2 for a word operation, and 4 for a longword operation. Rn 1/2/4 Rn – 1/2/4 – Rn – 1/2/4 Byte: Rn – 1 → Rn Word: Rn – 2 → Rn Longword: Rn – 4 → Rn (Instruction is executed with Rn after this calculation) |