| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7261 bảng dữ liệu(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 bảng dữ liệu(HTML) 74 Page - Renesas Technology Corp |
|
74 / 1348 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 42 of 1312 REJ09B0320-0200 2.4 Instruction Set 2.4.1 Instruction Set by Classification Table 2.10 lists the instructions according to their classification. Table 2.10 Classification of Instructions Classification Types Operation Code Function No. of Instructions MOV Data transfer Immediate data transfer Peripheral module data transfer Structure data transfer Reverse stack transfer MOVA Effective address transfer MOVI20 20-bit immediate data transfer MOVI20S 20-bit immediate data transfer 8-bit left-shit MOVML R0 –Rn register save/restore MOVMU Rn –R14 and PR register save/restore MOVRT T bit inversion and transfer to Rn MOVT T bit transfer MOVU Unsigned data transfer NOTT T bit inversion PREF Prefetch to operand cache SWAP Swap of upper and lower bytes Data transfer 13 XTRCT Extraction of the middle of registers connected 62 |