| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7136 bảng dữ liệu(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7136 bảng dữ liệu(HTML) 85 Page - Renesas Technology Corp |
|
85 / 1160 page ![]() Section 4 Clock Pulse Generator (CPG) Rev. 2.00 Sep. 10, 2008 Page 59 of 1130 REJ09B0402-0200 4.2 Input/Output Pins Table 4.2 shows the CPG pin configuration. Table 4.2 Pin Configuration Pin Name Abbr. I/O Description XTAL Output Connects a crystal resonator. Crystal input/output pins (clock input pins) EXTAL Input Connects a crystal resonator or an external clock. Clock output pin CK Output Outputs an external clock. Note: To use the clock output (CK) pin, appropriate settings may be needed for the pin in the pin function controller (PFC) in some cases. For details, refer to section 20, Pin Function Controller (PFC). |