| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7136 bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7136 bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 1160 page ![]() Section 3 MCU Operating Modes Rev. 2.00 Sep. 10, 2008 Page 54 of 1130 REJ09B0402-0200 3.5 Initial State in This LSI In the initial state of this LSI, some of on-chip modules are set in module standby state for saving power. When operating these modules, clear module standby state according to the procedure in section 24, Power-Down Modes. 3.6 Note on Changing Operating Mode When changing operating mode while power is applied to this LSI, make sure to do it in the power-on reset state (that is, the low level is applied to the RES pin). Note: * See section 26.3.2, Control Signal Timing. tMDS* CK MD1, MD0 RES Figure 3.3 Reset Input Timing when Changing Operating Mode |