| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7549 bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 84 page ![]() Rev.2.01 Oct 15, 2007 Page 16 of 81 REJ03B0202-0201 7549 Group Table 6 I/O port function table NOTE: 1. Function set ROM data 1 is included in the function set ROM area. Pin Name I/O format Non-port function SFRs related each pin P00(LED0)/INT0 P01(LED1)/INT1 I/O port P0 CMOS compatible input level CMOS 3-state output External interrupt input Interrupt edge selection register Port P0 drive capacity control register Port P0 pull-up control register P02(LED2) Port P0 drive capacity control register Port P0 pull-up control register P03(LED3)/CAP0 Capture input Capture/Compare port register Port P0 drive capacity control register Port P0 pull-up control register P04(LED4)/RXD Serial interface input/ output Serial I/O control register Port P0 drive capacity control register Port P0 pull-up control register P05(LED5)/TXD Serial I/O control register UART control register Port P0 drive capacity control register Port P0 pull-up control register P06(LED6)/SCLK Serial I/O control register Port P0 drive capacity control register Port P0 pull-up control register P07(LED7)/SRDY Serial I/O control register Port P0 drive capacity control register Port P0 pull-up control register P10/AN0/KEY0/CMP0 P11/AN1/KEY1/CMP1 P12/AN2/KEY2/CMP2 I/O port P1 Compare output Key input interrupt A/D conversion input Capture/Compare port register Port P1 pull-up control register Key-on wakeup input selection register AD control register P13/AN3/KEY3/T2OUT Timer 2 output Key input interrupt A/D conversion input Timer mode register Port P1 pull-up control register Key-on wakeup input selection register AD control register P14/AN4/KEY4 P15/AN5/KEY5 P16/AN6/KEY6 P17/AN7/KEY7 Key input interrupt A/D conversion input Port P1 pull-up control register Key-on wakeup input selection register AD control register P20/XOUT/XCOUT I/O port P2 CMOS 3-state output Clock pin Function set ROM data 1 (Note) Clock mode register P21/XIN/XCIN CMOS compatible input level CMOS 3-state output Clock pin Function set ROM data 1 (Note) Clock mode register P30 P31 I/O port P3 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |