| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7547 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7547 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 91 page ![]() 7547 Group Rev.1.21 Nov 15, 2006 page 32 of 89 REJ03B0156-0121 Fig. 34 Block diagram at modulation mode Compare buffer 00 (16) Compare latch 00 (16) Compare buffer 01 (16) Compare latch 01 (16) Data bus Compare register Compare register write pointer (001216, bits 0 to 2) Compare latch 00, 01 re-load bit (001416, bit 0) Timer A counter (16) Compare 0 (1) timer source bits (001F16, bit 0 (bit 1) Compare 0 trigger enable bit (002116, bit 4) Output latch Compare 0 output level latch (002116, bit 0) Compare 0 output status bit (002216, bit 0) Compare 0 output port bit (001E16, bit 2) P01/CMP0 Timer B counter (16) Compare 1 trigger enable bit (002116, bit 5) Output latch Compare 1 output level latch (002116, bit 1) Compare 1 output status bit (002216, bit 1) Underflow Compare latch 10 (16) Compare buffer 10 (16) Compare latch 11 (16) Compare buffer 11 (16) Data bus Compare register Compare latch 10, 11 re-load bit (001416, bit 1) Compare register write pointer (001216, bits 0 to 2) I/O port |