công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B74F2 bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện M38B74F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B74F2 bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button M38B74F2 Datasheet HTML 23Page - Renesas Technology Corp M38B74F2 Datasheet HTML 24Page - Renesas Technology Corp M38B74F2 Datasheet HTML 25Page - Renesas Technology Corp M38B74F2 Datasheet HTML 26Page - Renesas Technology Corp M38B74F2 Datasheet HTML 27Page - Renesas Technology Corp M38B74F2 Datasheet HTML 28Page - Renesas Technology Corp M38B74F2 Datasheet HTML 29Page - Renesas Technology Corp M38B74F2 Datasheet HTML 30Page - Renesas Technology Corp M38B74F2 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
26
16-Bit Timer
Timer X is a 16-bit timer that can be selected in one of four modes by
the Timer X mode registers 1, 2 and can be controlled for the timer X
write and the real time port by setting the timer X mode registers.
Read and write operation on 16-bit timer must be performed for both
high- and low-order bytes. When reading a 16-bit timer, read from
the high-order byte first. When writing to 16-bit timer, write to the low-
order byte first. The 16-bit timer cannot perform the correct operation
when reading during write operation, or when writing during read
operation.
qTimer X
Timer X is a down-counter. When the timer reaches “000016”, an
underflow occurs with the next count pulse. Then the contents of the
timer latch is reloaded into the timer and the timer continues down-
counting. When a timer underflows, the interrupt request bit corre-
sponding to that timer is set to “1”.
(1) Timer mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1.
(2) Pulse output mode
Each time the timer underflows, a signal output from the CNTR2 pin
is inverted. Except for this, the operation in pulse output mode is the
same as in timer mode. When using a timer in this mode, set the port
shared with the CNTR2 pin to output.
(3) Event counter mode
The timer counts signals input through the CNTR2 pin. Except for
this, the operation in event counter mode is the same as in timer
mode. When using a timer in this mode, set the port shared with the
CNTR2 pin to input.
(4) Pulse width measurement mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1. When
CNTR2 active edge switch bit is “0”, the timer counts while the input
signal of the CNTR2 pin is at “H”. When it is “1”, the timer counts
while the input signal of the CNTR2 pin is at “L”. When using a timer
in this mode, set the port shared with the CNTR2 pin to input.
s Note
•Timer X Write Control
If the timer X write control bit is “0”, when the value is written in the
address of timer X, the value is loaded in the timer X and the latch at
the same time.
If the timer X write control bit is “1”, when the value is written in the
address of timer X, the value is loaded only in the latch. The value in
the latch is loaded in timer X after timer X underflows.
When the value is written in latch only, unexpected value may be set
in the high-order counter if the writing in high-order latch and the
underflow of timer X are performed at the same timing.
•Real Time Port Control
While the real time port function is valid, data for the real time port
are output from ports P94 and P95 each time the timer X underflows.
(However, if the real time port control bit is changed from “0” to “1”,
data are output independent of the timer X.) When the data for the
real time port is changed while the real time port function is valid, the
changed data are output at the next underflow of timer X.
Before using this function, set the corresponding port direction regis-
ters to output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com