công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B74F2 bảng dữ liệu(PDF) 70 Page - Renesas Technology Corp

tên linh kiện M38B74F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B74F2 bảng dữ liệu(HTML) 70 Page - Renesas Technology Corp

Back Button M38B74F2 Datasheet HTML 66Page - Renesas Technology Corp M38B74F2 Datasheet HTML 67Page - Renesas Technology Corp M38B74F2 Datasheet HTML 68Page - Renesas Technology Corp M38B74F2 Datasheet HTML 69Page - Renesas Technology Corp M38B74F2 Datasheet HTML 70Page - Renesas Technology Corp M38B74F2 Datasheet HTML 71Page - Renesas Technology Corp M38B74F2 Datasheet HTML 72Page - Renesas Technology Corp M38B74F2 Datasheet HTML 73Page - Renesas Technology Corp M38B74F2 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
69
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 2
µs or more. Then the RESET pin is returned to an “H”
level (the power source voltage should be between 2.7 V and 5.5
V, and the oscillation should be stable), reset is released. After the
reset is completed, the program starts from the address contained
in address FFFD16 (high-order byte) and address FFFC16 (low-
order byte). Make sure that the reset input voltage is less than
0.54 V for Vcc of 2.7 V (switching to the high-speed mode, a
power source voltage must be between 4.0 V and 5.5 V).
Fig. 77 Reset sequence
Fig. 76 Reset circuit example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=2.7 V
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: about 4000 cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH, ADL
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=4 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
Notes
ADL
ADH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com