công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B74F2 bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện M38B74F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B74F2 bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button M38B74F2 Datasheet HTML 53Page - Renesas Technology Corp M38B74F2 Datasheet HTML 54Page - Renesas Technology Corp M38B74F2 Datasheet HTML 55Page - Renesas Technology Corp M38B74F2 Datasheet HTML 56Page - Renesas Technology Corp M38B74F2 Datasheet HTML 57Page - Renesas Technology Corp M38B74F2 Datasheet HTML 58Page - Renesas Technology Corp M38B74F2 Datasheet HTML 59Page - Renesas Technology Corp M38B74F2 Datasheet HTML 60Page - Renesas Technology Corp M38B74F2 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
56
Fig. 56 Timing using FLD blanking interrupt
The FLD blanking interrupt is generated when the FLD data
pointer (address 0EF816) reaches “FF16”. The FLD automatic dis-
play output is turned off for a duration of 1 ✕ Tdisp, 2 ✕ Tdisp, or
3 ✕ Tdisp depending on post-interrupt settings. During this time,
key scanning that makes use of FLD segments can be achieved.
When the key scanning is performed with the segment during
key-scan blanking time Tscan, follow the procedure described
below:
(1) Write “0” to the automatic display control bit (bit 0 of address
0EF416).
(2) Set the port corresponding to the segment for key scanning to
the output port.
(3) Perform key scanning.
(4) Write “1” to the automatic display control bit.
s Note
When performing a key-scan according to the above steps 1 to 4,
take the following points into consideration.
1. Do not set the display start bit (bit 1 of address 0EF416) to “0”.
2. Do not set “1” in the ports corresponding to digits.
Tdisp
Tscan
TnTn-1Tn-2
T4
T3
T2
T1
Tn
Tn-1 Tn-2
Segment setting by software
FLD blanking interrupt generated at the
falling of edge of the last timing
FLD digit output
Repeat cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com