công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B74F2 bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp

tên linh kiện M38B74F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B74F2 bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp

Back Button M38B74F2 Datasheet HTML 92Page - Renesas Technology Corp M38B74F2 Datasheet HTML 93Page - Renesas Technology Corp M38B74F2 Datasheet HTML 94Page - Renesas Technology Corp M38B74F2 Datasheet HTML 95Page - Renesas Technology Corp M38B74F2 Datasheet HTML 96Page - Renesas Technology Corp M38B74F2 Datasheet HTML 97Page - Renesas Technology Corp M38B74F2 Datasheet HTML 98Page - Renesas Technology Corp M38B74F2 Datasheet HTML 99Page - Renesas Technology Corp M38B74F2 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
95
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
q CPU reprogramming mode operation procedure
The operation procedure in CPU reprogramming mode is de-
scribed below.
< Beginning procedure >
➀ Apply 0 V to the CNVss/VPP pin for reset release.
➁ Set the CPU mode register. (see Figure 100)
➂ After CPU reprogramming mode control program is transferred to
internal RAM, jump to this control program on RAM. (The follow-
ing operations are controlled by this control program).
➃ Set “1” to the CPU reprogramming mode select bit.
➄ Apply VPPH to the CNVSS/VPP pin.
➅ Wait till CNVSS/VPP pin becomes 12 V.
➆ Read the CPU reprogramming mode monitor flag to confirm
whether the CPU reprogramming mode is valid.
➇ The operation of the flash memory is executed by software-com-
mand-writing to the flash command register .
Note: The following are necessary other than this:
•Control for data which is input from the external (serial I/O
etc.) and to be programmed to the flash memory
•Initial setting for ports etc.
•Writing to the watchdog timer
< Release procedure >
➀ Apply 0V to the CNVSS/VPP pin.
➁ Wait till CNVSS/VPP pin becomes 0V.
➂ Set the CPU reprogramming mode select bit to “0”.
Each software command is explained as follows.
q Read command
When “0016” is written to the flash command register, the
M38B79FF enters the read mode. The contents of the corre-
sponding address can be read by reading the flash memory (For
instance, with the LDA instruction etc.) under this condition.
The read mode is maintained until another command code is written
to the flash command register. Accordingly, after setting the read
mode once, the contents of the flash memory can continuously be
read.
After reset and after the reset command is executed, the read
mode is set.
Fig. 99 Flash command register bit configuration
Fig. 100 CPU mode register bit configuration in CPU rewriting
mode
Writing of software command
<Command code>
“0016”
“4016”
“C016”
“2016” + “2016”
“A016”
“FF16” + “FF16”
<Software command name>
• Read command
• Program command
• Program verify command
• Erase command
• Erase verify command
• Reset command
Note: The flash command register is write-only register.
Flash command register
(FCMD : address 0EFF16)
76
5
4
3
2
1
0
CPU mode register
(CPUM : address 003B16)
b7
b0
Stack page selection bit
0 : 0 page
1 : 1 page
Reserved
(Do not write “0” to this bit when using
XCIN–XCOUT oscillation function.)
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 : Not available
1
X : Not available
Port XC switch bit
0 : I/O port function (stop oscillating)
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bits
b7 b6
0
0 :
φ = f(XIN) (high-speed mode)
0
1 :
φ = f(XIN)/4 (middle-speed mode)
1
0 :
φ = f(XCIN)/2 (low-speed mode)
1
1 : Not available
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com