| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404339FS bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 80 page ![]() HD404339 Series 8 Block Diagram D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 R00 R01 R02 R03 R10 R11 R12 R13 R20 R21 R22 R23 R30 R31 R32 R33 R40 R41 R42 R43 R50 R51 R52 R53 R60 R61 R62 R63 R70 R71 R72 R80 R81 R82 R83 R90 R91 R92 R93 RA1 ROM (16,384 × 10 bits) (12,288 × 10 bits) (8,192 × 10 bits) PC (14 bits) Instruction decoder SP (10 bits) B (4 bits) A (4 bits) ST (1 bit) CA (1 bit) ALU SPY (4 bits) Y (4 bits) SPX (4 bits) X (4 bits) W (4 bits) RAM (512 × 4 bits) System control Interrupt control Timer A Timer B Timer C Serial interface A/D converter Buzzer BUZZ AVCC AN11 AVSS AN0 • • • • • • SI SO SCK TOC EVNB INT0 INT1 Data bus High voltage pin Directional signal line (6,144 × 10 bits) (4,096 × 10 bits) |