| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404339FS bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp |
|
67 / 80 page ![]() HD404339 Series 65 AV AN AN to AN AV CC SS 0 1 11 AV AN AN AN to AN AV CC SS 0 1 2 11 AV AN AN AN to AN AV CC SS 0 1 2 11 1. When not using an A/D converter. V GND CC V GND CC V GND CC 2. When using pins AN and AN but not using AN to AN . 01 2 11 3. When using all analog pins. 0.1 µF 3 × 0.1 µF 13 × 0.1 µF Figure 54 Example of Connections (AV CC to AVSS) Between the V CC and GND lines, connect capacitors designed for use in ordinary power supply circuits. An example connection is described in figure 54. No resistors can be inserted in series in the power supply circuit, so the capacitors should be connected in parallel. The capacitors are a large capacitance C 1 and a small capacitance C2. |