| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404339FS bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 80 page ![]() HD404339 Series 2 • Seven interrupt sources Two by external sources Three by timers One each by the A/D converter and serial interface • Four low-power dissipation modes Standby mode Stop mode Watch mode Subactive mode • Instruction cycle time: 1 µs (f OSC = 4 MHz, 1/4 division ratio) 1/4, 1/8, 1/16, 1/32 system clock division ratio can be selected Ordering Information Type Product Name Model Name ROM (words) RAM (digit) Package Mask ROM HD404334 HD404334S 4,096 512 DP-64S HD404334FS FP-64B HD404336 HD404336S 6,144 DP-64S HD404336FS FP-64B HD404338 HD404338S 8,912 DP-64S HD404338FS FP-64B HD4043312 HD4043312S 12,288 DP-64S HD4043312FS FP-64B HD404339 HD404339S 16,384 DP-64S HD404339FS FP-64B ZTAT ™ HD4074339 HD4074339S 16,384 DP64S HD4074339FS FP-64B Recommended PROM Programmers and Socket Adapters PROM Programmer Socket Adapter Manufacture Model Name Package Manufacture Model Name DATA I/O corp 121 B DP-64S Hitachi HS4339ESS01H FP-64B HS4339ESF01H AVAL corp PKW-1000 DP-64S Hitachi HS4339ESS01H FP-64B HS4339ESF01H |