| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LFSC bảng dữ liệu(PDF) 20 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFSC bảng dữ liệu(HTML) 20 Page - Lattice Semiconductor |
|
20 / 237 page ![]() 2-16 Architecture Lattice Semiconductor LatticeSC/M Family Data Sheet Figure 2-17. PIC Diagram The A/B PIOs on the left and the right of the device can be paired to form a differentiated driver. The A/B and C/D PIOs on all sides of the device can be paired to form differential receivers. Either A or C PIOs on all sides except the one on top also provide a connection to an adaptive input logic capability that facilitates the implementation of PIO B PADA TO DO DI "T" PADB “C” OPOS2 ONEG2 OPOS3 ONEG3 TD INCK INDD INFF IPOS0 INEG0 IPOS1 INEG1 IPOS2 INEG2 IPOS3 INEG3 RUNAIL LOCK UPDATE *AIL only on A or C pads located on the left, right and bottom of the device. CLK CE LSR GSRN HCLKOUT GSR LCLKOUT LSRO HCLKIN LCLKIN PIO A PURESPEED I/O Buffer Control Muxes CEO LSRO ELSR ECLK IOLT0 POS Update NEG Update DI DO Tristate Register Block Input Register Block (including delay and AIL elements*) Update Block Output Register Block PIO C PADC “T” PIO D PADD “C” OPOS0 ONEG0 OPOS1 ONEG1 |