| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LFSC bảng dữ liệu(PDF) 49 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFSC bảng dữ liệu(HTML) 49 Page - Lattice Semiconductor |
|
49 / 237 page ![]() 3-5 DC and Switching Characteristics Lattice Semiconductor LatticeSC/M Family Data Sheet PURESPEED I/O Single-Ended DC Electrical Characteristics Over Recommended Operating Conditions Input/Output Standard VIL VIH VOL Max. (V) VOH Min. (V) IOL (mA) IOH (mA) Min. (V) Max. (V) Min. (V) Max. (V) LVCMOS 33 -0.3 0.8 2 3.465 0.4 2.4 24, 16, 8 -24, -16, -8 0.2 VCCIO - 0.2 0.1 -0.1 LVTTL -0.3 0.8 2 3.465 0.4 2.4 24, 16, 8 -24, -16, -8 0.2 VCCIO - 0.2 0.1 -0.1 LVCMOS 25 -0.3 0.7 1.7 2.65 0.4 VCCIO - 0.4 16, 12, 8, 4 -16, -12, -8, -4 0.2 VCCIO - 0.2 0.1 -0.1 LVCMOS 18 -0.3 0.35VCCIO 0.65VCCIO 2.65 0.4 VCCIO - 0.4 16, 12, 8, 4 -16, -12, -8, -4 0.2 VCCIO - 0.2 0.1 -0.1 LVCMOS 15 -0.3 0.35VCCIO 0.65VCCIO 2.65 0.4 VCCIO - 0.4 16, 12, 8, 4 -16, -12, -8, -4 0.2 VCCIO - 0.2 0.1 -0.1 LVCMOS 12 -0.3 0.35VCCIO 0.65VCCIO 2.65 0.3 VCCIO - 0.3 12, 8, 4, 2 -12, -8, -4, -2 0.2 VCCIO - 0.2 0.1 -0.1 PCIX15 -0.3 0.3VCCIO 0.5VCCIO 1.5 0.1VCCIO 0.9VCCIO 1.5 -0.5 PCI33 -0.3 0.3VCCIO 0.5VCCIO 3.465 0.1VCCIO 0.9VCCIO 1.5 -0.5 PCIX33 -0.3 0.35VCCIO 0.5VCCIO 3.465 0.1VCCIO 0.9VCCIO 1.5 -0.5 AGP-1X, AGP-2X -0.3 0.3VCCIO 0.5VCCIO 3.465 0.1VCCIO 0.9VCCIO 1.5 -0.5 SSTL3_I -0.3 VREF - 0.2 VREF + 0.2 3.465 0.7 VCCIO - 1.1 8 -8 SSTS3_I OST 2 -0.3 VREF - 0.2 VREF + 0.2 3.465 0.9 VCCIO - 1.3 8 -8 SSTL3_II -0.3 VREF - 0.2 VREF + 0.2 3.465 0.5 VCCIO - 0.9 16 -16 SSTL3_II OST 2 -0.3 VREF - 0.2 VREF + 0.2 3.465 0.9 VCCIO - 0.13 16 -16 SSTL2_I -0.3 VREF - 0.18 VREF + 0.18 2.65 0.54 VCCIO - 0.62 7.6 -7.6 SSTL2_I OST 2 -0.3 VREF - 0.18 VREF + 0.18 2.65 0.73 VCCIO - 0.81 7.6 -7.6 SSTL2_II -0.3 VREF - 0.18 VREF + 0.18 2.65 0.35 VCCIO - 0.43 15.2 -15.2 SSTL2_II OST 2 -0.3 VREF - 0.18 VREF + 0.18 2.65 0.73 VCCIO - 0.81 15.2 -15.2 SSTL18_I -0.3 VREF - 0.125 VREF + 0.125 2.65 0.28 VCCIO - 0.28 13.4 -13.4 SSTL18_II -0.3 VREF - 0.125 VREF + 0.125 2.65 0.28 VCCIO - 0.28 13.4 -13.4 HSTL15_I -0.3 VREF - 0.1 VREF + 0.1 2.65 0.4 VCCIO - 0.4 8 -8 HSTL15_II -0.3 VREF - 0.1 VREF + 0.1 2.65 0.4 VCCIO - 0.4 16 -16 HSTL15_III1 -0.3 VREF - 0.1 VREF + 0.1 2.65 N/A N/A N/A N/A HSTL15_IV1 -0.3 VREF - 0.1 VREF + 0.1 2.65 N/A N/A N/A N/A HSTL18_I -0.3 VREF - 0.1 VREF + 0.1 2.65 0.4 VCCIO - 0.4 9.6 -9.6 HSTL18_II -0.3 VREF - 0.1 VREF + 0.1 2.65 0.4 VCCIO - 0.4 19.2 -19.2 HSTL18_III1 -0.3 VREF - 0.1 VREF + 0.1 2.65 N/A N/A N/A N/A HSTL18_IV1 -0.3 VREF - 0.1 VREF + 0.1 2.65 N/A N/A N/A N/A GTL12 1, GTLPLUS15 1 -0.3 VREF - 0.2 VREF + 0.2 N/A N/A N/A N/A N/A 1. Input only. 2. Input with on-chip series termination. |