| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR4 bảng dữ liệu(PDF) 151 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
OR4 bảng dữ liệu(HTML) 151 Page - Lattice Semiconductor |
|
151 / 152 page ![]() Lattice Semiconductor 151 Data Sheet May, 2006 ORCA Series 4 FPGAs Table 75. Commercial Ordering Information Note: For all but the slowest commercial speed grade, the speed grades on these devices are dual marked. For example, the commercial speed grade -2XXXXXC is also marked with the industrial grade -1XXXXXI. The commercial grade is always one speed grade faster than the associ- ated dual mark industrial grade. The slowest commercial speed grade is marked as commercial grade only. Device Family Part Number Speed Grade Package Type Ball Count Grade OR4E02 OR4E02-3BA352C 3 PBGA 352 C OR4E02-3BM416C 3 PBGAM 416 C OR4E02-3BM680C 3 PBGAM 680 C OR4E02-2BA352C 2 PBGA 352 C OR4E02-2BM416C 2 PBGAM 416 C OR4E02-2BM680C 2 PBGAM 680 C OR4E02-1BA352C 1 PBGA 352 C OR4E02-1BM416C 1 PBGAM 416 C OR4E02-1BM680C 1 PBGAM 680 C OR4E04 OR4E04-3BA352C 3 PBGA 352 C OR4E04-3BM416C 3 PBGAM 416 C OR4E04-3BM680C 3 PBGAM 680 C OR4E04-2BA352C 2 PBGA 352 C OR4E04-2BM416C 2 PBGAM 416 C OR4E04-2BM680C 2 PBGAM 680 C OR4E04-1BA352C 1 PBGA 352 C OR4E04-1BM416C 1 PBGAM 416 C OR4E04-1BM680C 1 PBGAM 680 C OR4E06 OR4E06-2BA352C 2 PBGA 352 C OR4E06-2BM680C 2 PBGAM 680 C OR4E06-1BA352C 1 PBGA 352 C OR4E06-1BM680C 1 PBGAM 680 C |