| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR4 bảng dữ liệu(PDF) 43 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
OR4 bảng dữ liệu(HTML) 43 Page - Lattice Semiconductor |
|
43 / 152 page ![]() Data Sheet May, 2006 Lattice Semiconductor 43 ORCA Series 4 FPGAs Special Function Blocks (continued) ISC_READ is similar to the ORCA RAM_Read instruction which allows the user to readback the configuration RAM contents serially out on TDO. Both must monitor the PDONE signal to determine weather or not configuration is completed. ISC_READ used a 1-bit register to synchronously readback data coming from the configuration mem- ory. The readback data is clocked into the ISC_READ data register and then clocked out TDO on the falling edge or TCK. Table 19. Series 4E Boundary-Scan Vendor-ID Codes * PLC array size of FPGA, reverse bit order. Note: Table assumes version 0. Device Version (4 bit) Part* (10 bit) Family (6 bit) Manufacturer (11 bit) LSB (1 bit) OR4E02 0000 0011100000 001000 00000011101 1 OR4E04 0000 0001010000 001000 00000011101 1 OR4E06 0000 0000110000 001000 00000011101 1 ORCA Boundary-Scan Circuitry The ORCA Series boundary-scan circuitry includes a test access port controller (TAPC), instruction register (IR), boundary-scan register (BSR), and bypass regis- ter. It also includes circuitry to support the four pre- defined instructions. Figure 27 shows a functional diagram of the boundary- scan circuitry that is implemented in the ORCA Series. The input pins’ (TMS, TCK, and TDI) locations vary depending on the part, and the output pin is the dedi- cated TDO/RD_DATA output pad. Test data in (TDI) is the serial input data. Test mode select (TMS) controls the boundary-scan test access port controller (TAPC). Test clock (TCK) is the test clock on the board. The BSR is a series connection of boundary-scan cells (BSCs) around the periphery of the IC. Each I/O pad on the FPGA, except for CCLK, DONE, and the boundary- scan pins (TCK, TDI, TMS, and TDO), is included in the BSR. The first BSC in the BSR (connected to TDI) is located in the first PIO I/O pad on the left of the top side of the FPGA (PTA PIO). The BSR proceeds clockwise around the top, right, bottom, and left sides of the array. The last BSC in the BSR (connected to TDO) is located on the top of the left side of the array (PL1D). The bypass instruction uses a single FF, which resyn- chronizes test data that is not part of the current scan operation. In a bypass instruction, test data received on TDI is shifted out of the bypass register to TDO. Since the BSR (which requires a two FF delay for each pad) is bypassed, test throughput is increased when devices that are not part of a test operation are bypassed. The boundary-scan logic is enabled before and during configuration. After configuration, a configuration option determines whether or not boundary-scan logic is used. The 32-bit boundary-scan identification register con- tains the manufacturer’s ID number, unique part num- ber, and version (as described earlier). The identification register is the default source for data on TDO after RESET if the TAP controller selects the shift- data-register (SHIFT-DR) instruction. If boundary scan is not used, TMS, TDI, and TCK become user I/Os, and TDO is 3-stated or used in the readback operation. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |