| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF51XX bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF51XX bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 100 page ![]() Pinouts and pin description STM8AF61xx, STM8AF51xx 32/100 6.2.1 Alternate function remapping As shown in the rightmost column of Table 6, some alternate functions can be remapped at different I/O ports by programming one of eight AFR (alternate function remap) option bits. Refer to Section 10: Option bytes on page 49. When the remapping option is active, the default alternate function is no longer available. To use an alternate function, the corresponding peripheral must be enabled in the peripheral registers. Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO section of the STM8A microcontroller family reference manual, RM0009). 73 57 41 25 PD0/TIM3_CC2 I/O X XX HS O3 X X Port D0 Timer 3 - channel 2 TIM1_BKIN [AFR3]/ CLK_CCO [AFR2] 74 58 42 26 PD1/SWIM I/O X X XHS O4 X X Port D1 SWIM data interface 75 59 43 27 PD2/TIM3_CC1 I/O X XX HS O3 X X Port D2 Timer 3 - channel 1 TIM2_CC3 [AFR1] 76 60 44 28 PD3/TIM2_CC2 I/O X XX HS O3 X X Port D3 Timer 2 - channel 2 ADC_ETR [AFR0] 77 61 45 29 PD4/TIM2_CC1/B EEP I/O X XX HS O3 X X Port D4 Timer 2 - channel 1 BEEP output [AFR7] 78 62 46 30 PD5/ LINUART_TX I/O X XX O1 X X Port D5 LINUART data transmit 79 63 47 31 PD6/ LINUART_RX I/O X XX O1 X X Port D6 LINUART data receive Caution: This pin must be held low during power on 80 64 48 32 PD7/TLI I/O X XX O1 X X Port D7 Top level interrupt TIM1_CC4 [AFR4] 1. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not implemented) Table 6. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |