| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7513T bảng dữ liệu(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7513T bảng dữ liệu(HTML) 70 Page - STMicroelectronics |
|
70 / 84 page ![]() Software specifications TDA7513T 70/84 4.4 Subaddress organization (stereodecoder and audioprocessor section) 16 AM high cut control corner frequency quality noise gain mpath test AMHCC, Quality noise gain, test 17 mid Qfactor mid center frequency mid steps Mid 18 not used VSBL Stereo blend Table 66. Address organisation (continued) MSB LSB Function Subaddr. D7 D6 D5 D4 D3 D2 D1 D0 Table 67. Stereodecoder and audioprocessor section SUBADDRESS MSB LSB D7 D6 D5 D4 D3 D2 D1 D0 testcon azhold autoincr subaddress Table 68. Stereodecoder and audioprocessor section READ MODE MSB LSB S7 S6 S5 S4 S3 S2 S1 S0 STEREO SMON Table 69. Stereodecoder and audioprocessor section ADDRESS MSB LSB S7 S6 S5 S4 S3 S2 S1 S0 10 001 10 R/W Table 70. SUBADDRESS 0: Source selector, in-gain, sSpeaker coupling MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 Source selector 0 0 0 Quasi-differential input 1 0 0 1 Quasi-differential input 2 0 1 0 not used (mute) 0 1 1 Turner input (AM mode) 1 0 0 Turner input (FM mode) 1 0 1 not used (mute) |