| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7513T bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7513T bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 84 page ![]() Software specifications TDA7513T 66/84 Table 61. Subaddress 27: ISS tests MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 ISS test multiplexer (1) 00 0000 00 no test 00 0000 01 test MP thresholds 00 0000 10 test ACN thresholds 00 0001 00 test DW thresholds 00 0010 00 test D thresholds 00 0100 00 test ACW thresholds 00 1000 00 test ac 01 0000 00 test MDSCO 10 0000 00 test ISSout Table 62. Subaddress 28: ISS tests MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 ISS test multiplexer (2) 0000 00 no test 0000 01 test dev+ 0000 10 test dev+ 0001 00 test ref dev 0010 00 test dem Vout 0100 00 test ISS in 1000 00 test ISSC ik Enble ISS test in 0 test in ISS disable 1 test in ISS enable ISS test clock 0 test ISS clock disable 1 test ISS clock enable |