| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C167CS-4RM bảng dữ liệu(PDF) 105 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS-4RM bảng dữ liệu(HTML) 105 Page - Infineon Technologies AG |
|
105 / 517 page ![]() C167CS Derivatives Interrupt and Trap Functions User’s Manual 5-22 V2.0, 2000-07 After an interrupt service routine has been terminated by executing the RETI instruction, and if further interrupts are pending, the next interrupt service routine will not be entered until at least two instruction cycles have been executed of the program that was interrupted. In most cases two instructions will be executed during this time. Only one instruction will typically be executed, if the first instruction following the RETI instruction is a branch instruction (without cache hit), or if it reads an operand from internal code memory, or if it is executed out of the internal RAM. Note: A bus access in this context includes all delays which can occur during an external bus cycle. |