công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX27L bảng dữ liệu(PDF) 60 Page - Freescale Semiconductor, Inc

tên linh kiện IMX27L
Giải thích chi tiết về linh kiện  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L bảng dữ liệu(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
60
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Signal Descriptions
Figure 19. MII Asynchronous Inputs Signal Timing Diagram
3.6.2.4
MII Serial Management Channel Timing (FEC_MDIO and FEC_MDC)
The FEC functions correctly with a maximum MDC frequency of 2.5 MHz. The MDC frequency should
be equal to or less than 2.5 MHz to be compliant with IEEE 802.3 MII specification. However the FEC
can function correctly with a maximum MDC frequency of 15 MHz.
Figure 20 shows the MII serial management channel timings, and Table 27 lists the timing parameters.
Figure 20. MII Serial Management Channel Timing Diagram
Table 26. MII Asynchronous Inputs Signal Timing Parameter
ID
Parameter
Min
Max
Unit
M91
1
FEC_COL has the same timing in 10 Mbit 7-wire interface mode.
FEC_CRS to FEC_COL minimum pulse width
1.5
—
FEC_TX_CLK period
FEC_CRS, FEC_COL
M9
FEC_MDC (output)
FEC_MDIO (output)
M14
M15
M10
M11
M12
M13
FEC_MDIO (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com