| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX27L bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX27L bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 122 page ![]() i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1 40 Preliminary—Subject to Change Without Notice Freescale Semiconductor Signal Descriptions 3.3 Electrical Characteristics This section provides the chip-level and module-level electrical characteristics for the i.MX27/iMX27L, as follows: • Section 3.4, “i.MX27/iMX27L Chip-Level Conditions” — Section 3.4.1, “Current Consumption” — Section 3.4.2, “Test Conditions and Recommended Settings” • Section 3.5, “Module-Level Electrical Specifications” — Section 3.5.1, “Pads IO (PADIO) Electricals” — Section 3.5.2, “1-Wire Electrical Specifications” D9 regular D9 — D9 — D9 D8 regular D8 — D8 — D8 D7 regular D7 — D7 — D7 D6 regular D6 — D6 — D6 D5 regular D5 — D5 — D5 D4 regular D4 — D4 — D4 D3 regular D3 — D3 — D3 D2 regular D2 — D2 — D2 D1 regular D1 — D1 — D1 D0 regular D0 — D0 — D0 PC_CD1 regular — — CD1 —— PC_CD2 regular — — CD2 —— PC_WAIT regular — — WAIT —— PC_READY regular — — READY — — PC_PWRON regular — — PC_PWRON — — PC_VS1 regular — — VS1 — — PC_VS2 regular — — VS2 — — PC_BVD1 regular — — BVD1 — — PC_BVD2 regular — — BVD2 — — PC_RST regular — — RST — — IOIS16 regular — — IOIS16/WP — — PC_RW regular — — RW —— PC_POE regular — — POE — — M_REQUEST regular ————— M_GRANT regular ————— Table 4. EMI Multiplexing (continued) Pin Name Pad Type WEIM SDRAM PCMCIA DDR NFC |