công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX27L bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc

tên linh kiện IMX27L
Giải thích chi tiết về linh kiện  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
23
and smart phones. The MMC communication is based on an advanced 7-pin serial bus designed to operate
in a low-voltage range.
The secure digital card (SD) is an evolution of MMC technology, with two additional pins in the form
factor. It is specifically designed to meet the security, capacity, performance, and environment
requirements inherent in newly emerging audio and video consumer electronic devices. The physical form
factor, pin assignment, and data transfer protocol are forward-compatible with the MultiMedia Card with
some additions. Under SD, it can be categorized into Memory and I/O. The memory card invokes a
copyright protection mechanism that complies with the security of the SDMI standard, which is faster and
provides the capability for a higher memory capacity. The I/O card provides high-speed data I/O with
low-power consumption for mobile electronic devices.
2.3.33
Smart Liquid Crystal Display Controller Module (SLCDC)
The smart liquid crystal display controller (SLCDC) module transfers data from the display memory buffer
to the external display device. Direct Memory Access (DMA) transfers the data transparently with
minimal software intervention. Bus utilization of the DMA is controllable and deterministic.
As cellular phone displays become larger and more colorful, demands on the processor increase. More
CPU power is needed to render and manage the image. The role of the display controller is to reduce the
CPU’s involvement in the transfer of data from memory to the display device so the CPU can concentrate
on image rendering. DMA is used to optimize the transfer. Embedded control information needed by the
display device is automatically read from a second buffer in system memory and inserted into the data
stream at the proper time to completely eliminate the CPU’s role in the transfer.
A typical scenario for a cellular phone display is to have the display image rendered in main system
memory. After the image is complete, the CPU triggers the SLCDC module to transfer the image to the
display device. Image transfer is accomplished by burst DMA, which steals bus cycles from the CPU.
Cycle-stealing behavior is programmable so bus use is kept within predefined bounds. After the transfer
is complete, a maskable interrupt is generated indicating the status. For animated displays, it is suggested
that a two-buffer ping-pong scheme be implemented so that the DMA is fetching data from one buffer
while the next image is rendered into the other.
Several display sizes and types are used in the various products that use the SLCDC. The SLCDC module
has the capability of directly interfacing to the selected display devices. Both serial and parallel interfaces
are supported. The SLCDC module only supports writes to the display controller. SLCDC read operations
from the display controller are not supported.
2.3.34
Synchronous Serial Interface (SSI)
The synchronous serial interface (SSI) is a full-duplex serial port that allows the chip to communicate with
a variety of serial devices. These serial devices can be standard codecs, digital signal processors (DSPs),
microprocessors, peripherals, and popular industry audio codecs that implement the inter-IC sound bus
standard (I2S) and Intel AC97 standard.
The SSI is typically used to transfer samples in a periodic manner. It consists of independent transmitter
and receiver sections with independent clock generation and frame synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com