công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX27L bảng dữ liệu(PDF) 45 Page - Freescale Semiconductor, Inc

tên linh kiện IMX27L
Giải thích chi tiết về linh kiện  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L bảng dữ liệu(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
45
3.5.1
Pads IO (PADIO) Electricals
3.5.1.1
DC Electrical Characteristics
The over-operating characteristics appear in Table 11 for GPIO pads and Table 12 for double data rate
(DDR) pads (unless otherwise noted).
Table 11. GPIO Pads DC Electrical Parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
High-level output voltage
VOH
IOH = -1 mA
NVDD -0.15
—
—
V
IOH = specified Drive
0.8*NVDD
——
V
Low-level output voltage
VOL
IOL = 1 mA
—
—
0.15
V
IOL = specified Drive
—
—
0.2*NVDD
V
High-level output current, slow slew rate
IOH_S
VOH = 0.8*NVDD
Normal
High
Max High1
–2
–4
–8
——
mA
High-level output current, fast slew rate
IOH_F
VOH = 0.8*NVDD
Normal
High
Max High1
–4
–6
–8
——
mA
Low-level output current, slow slew rate
IOL_S
VOL = 0.2*NVDD
Normal
High
Max High1
2
4
8
——
mA
Low-level output current, fast slew rate
IOL_F
VOL = 0.2*NVDD
Normal
High
Max High1
4
6
8
——
mA
Input Hysteresis
VHYS
Hysteresis enabled
0.25
—
—
V
Schmitt trigger VT+
VT +
Hysteresis enabled
0.5*QVDD
——
V
Schmitt trigger VT-
VT -
Hysteresis enabled
—
0.5*QVDD
V
Pull-up resistor (22 k
Ω PU)
RPU
—
152259
k
Ω
Pull-up resistor (47 k
Ω PU)
RPU
—30
47
128
Pull-up resistor (100 k
Ω PU)
RPU
—34
100
268
Pull-down resistor (100 k
Ω PD)
RPD
—25
100
343
Input current (no PU/PD)
IIN
VI = 0
VI = NVDD
—0.33
±1
μA
Input current (22 k
Ω PU)
IIN
VI = 0
VI = NVDD
——
115
0.1
μA
μA
Input current (47 k
Ω PU)
IIN
VI = 0
VI = NVDD
——
53
0.1
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com