| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T01C bảng dữ liệu(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T01C bảng dữ liệu(HTML) 61 Page - STMicroelectronics |
|
61 / 70 page ![]() August 1999 61/70 Rev. 2.8 ST62P00C/P01C/P03C 8-BIT FASTROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD , SAFE RESET AND 16 PINS s 3.0 to 6.0V Supply Operating Range s 8 MHz Maximum Clock Frequency s -40 to +125 °C Operating Temperature Range s Run, Wait and Stop Modes s 5 Interrupt Vectors s Look-up Table capability in Program Memory s Data Storage in Program Memory: User selectable size s Data RAM: 64bytes s 9 I/O pins, fully programmable as: – Input with pull-up resistor – Input without pull-up resistor – Input with interrupt generation – Open-drain or push-pull output – Analog Input (except ST62P03C) s 3 I/O lines can sink up to 20mA to drive LEDs or TRIACs directly s 8-bit Timer/Counter with 7-bit programmable prescaler s Digital Watchdog s Oscillator Safe Guard s Low Voltage Detector for Safe Reset s 8-bit A/D Converter with up to 4 analog inputs s On-chip Clock oscillator can be driven by Quartz Crystal Ceramic resonator or RC network s Power-on Reset s One external Non-Maskable Interrupt s ST626x-EMU2 Emulation and Development System (connects to an MS-DOS PC via a parallel port) DEVICE SUMMARY (See end of Datasheet for Ordering Information) PDIP16 PSO16 SSOP16 DEVICE ROM (Bytes) I/O Pins Analog inputs ST62P00C 1036 9 4 ST62P01C 1836 9 4 ST62P03C 1036 9 None 61 |