| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T01C bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T01C bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 70 page ![]() 63/70 ST62P00C/P01C/P03C ST62P00C/P01C/P03C FASTROM MICROCONTROLLER OPTION LIST Customer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... . Contact . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Phone No . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . STMicroelectronics references Device: [ ] ST62P00C [ ] ST62P01C [ ] ST62P03C Package: [ ] Dual in Line Plastic [ ] Small Outline Plastic with conditionning: [ ] Standard (Stick) [ ] Tape & Reel [ ] Shrink Small Outline Plastic Temperature Range: [ ] 0 °Cto + 70°C []- 40 °Cto + 85°C[ ] - 40°C to + 125°C Oscillator Source Selection: [ ] Crystal Quartz/Ceramic resonator [ ] RC Network Watchdog Selection: [ ] Software Activation [ ] Hardware Activation Readout Protection: [ ] Disabled [ ] Enabled External STOP Mode Control[ ] Enabled [ ] Disabled LVD Reset [ ] Enabled [ ] Disabled NMI pin pull-up [ ] Enabled [ ] Disabled OSG [ ] Enabled [ ] Disabled Comments : Supply Operating Range in the application: Oscillator Fequency in the application: Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Date . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63 |