| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T01C bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T01C bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 70 page ![]() 51/70 ST62T00C/T01C ST62T03C/E01C DC ELECTRICAL CHARACTERISTICS (Cont’d) (TA = -40 to +85°C unless otherwise specified)) Note: (*) All Peripherals in stand-by. 6.4 AC ELECTRICAL CHARACTERISTICS (TA = -40 to +125°C unless otherwise specified) Notes: 1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up. 2 An oscillator frequency above 1MHz is recommended for reliable A/D results. 3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance. Symbol Parameter Test Conditions Value Unit Min. Typ. Max. Vup LVD Threshold in power-on Vdn +50 mV 4.1 4.3 V Vdn LVD threshold in powerdown 3.6 3.8 Vup -50 mV V VOL Low Level Output Voltage All Output pins VDD= 5.0V; IOL = +10µA VDD= 5.0V; IOL = + 5mA VDD= 5.0V; IOL = + 10mAv 0.1 0.8 1.2 V Low Level Output Voltage 20 mA Sink I/O pins VDD= 5.0V; IOL = +10µA VDD= 5.0V; IOL = +10mA VDD= 5.0V; IOL = +20mA VDD= 5.0V; IOL = +30mA 0.1 0.8 1.3 2.0 VOH High Level Output Voltage All Output pins VDD= 5.0V; IOH = -10µA VDD= 5.0V; IOH = -5.0mA 4.9 3.5 V IDD Supply Current in STOP Mode, with LVD disabled(*) ILOAD=0mA VDD=5.0V 10 µA Symbol Parameter Test Conditions Value Unit Min. Typ. Max. tREC Supply Recovery Time (1) 100 ms fLFAO Internal frequency with LFAO active 200 400 800 kHz fOSG Internal Frequency with OSG enabled2) VDD =3V VDD = 3.6V VDD = 4.5V 2 2 4 fOSC MHz fRC Internal frequency with RC oscillator and OSG disabled2) 3) VDD=5.0V R=47k Ω R=100k Ω R=470k Ω 4 2.7 800 5 3.2 850 5.8 3.5 900 MHz MHz kHz CIN Input Capacitance All Inputs Pins 10 pF COUT Output Capacitance All Outputs Pins 10 pF 51 |