công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT5113 bảng dữ liệu(PDF) 12 Page - Catalyst Semiconductor

tên linh kiện CAT5113
Giải thích chi tiết về linh kiện  100-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 bảng dữ liệu(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor CAT5113 Datasheet HTML 10Page - Catalyst Semiconductor CAT5113 Datasheet HTML 11Page - Catalyst Semiconductor CAT5113 Datasheet HTML 12Page - Catalyst Semiconductor CAT5113 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CAT5113
Doc. No. MD-2009 Rev. V
12
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu, except MSOP package is Matte-Tin.
(3) Contact factory for Matte-Tin finish availability for PDIP, SOIC and TSSOP packages.
(4) This device used in the above example is a CAT5113VI-10-GT3 (SOIC, Industrial Temperature, 10kΩ, NiPdAu, Tape & Reel, 3,000/Reel).
ORDERING PART NUMBER
Part Number
Resistance (kΩ)
Package-Pins
Lead Finish
CAT5113LI-01-G
1
CAT5113LI-10-G
10
CAT5113LI-50-G
50
CAT5113LI-00-G
100
PDIP-8
NiPdAu
CAT5113VI-01-G
1
CAT5113VI-10-G
10
CAT5113VI-50-G
50
CAT5113VI-00-G
100
SOIC-8
NiPdAu
CAT5113YI-01-G
1
CAT5113YI-10-G
10
CAT5113YI-50-G
50
CAT5113YI-00-G
100
TSSOP-8
NiPdAu
CAT5113ZI-01
1
CAT5113ZI-10
10
CAT5113ZI-50
50
CAT5113ZI-00
100
MSOP-8
Matte-Tin
Prefix
Device #
Suffix
CAT
5113
V
I
-10
–
G
(2)(3)
T3
Optional
Company ID
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-01: 1kΩ
-10: 10kΩ
-50: 50kΩ
-00: 100kΩ
Tape & Reel
T: Tape & Reel
3: 3,000/Reel
Product Number
5113
Package
L: PDIP
V: SOIC
Y: TSSOP
Z: MSOP
Lead Finish
Blank: Matte-Tin
G: NiPdAu
For Product Top Mark Codes, click here:
http://www.catsemi.com/techsupport/producttopmark.asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com