công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT5113 bảng dữ liệu(PDF) 5 Page - Catalyst Semiconductor

tên linh kiện CAT5113
Giải thích chi tiết về linh kiện  100-Tap Digitally Programmable Potentiometer (DPP??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 bảng dữ liệu(HTML) 5 Page - Catalyst Semiconductor

  CAT5113 Datasheet HTML 1Page - Catalyst Semiconductor CAT5113 Datasheet HTML 2Page - Catalyst Semiconductor CAT5113 Datasheet HTML 3Page - Catalyst Semiconductor CAT5113 Datasheet HTML 4Page - Catalyst Semiconductor CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT5113
© 2006 Catalyst Semiconductor, Inc.
5
Doc. No. MD-2009 Rev. V
Characteristics subject to change without notice
AC CONDITIONS OF TEST
VCC Range
2.5V ≤ VCC ≤ 6V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC
AC OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, VH = VCC, VL = 0V, unless otherwise specified
Symbol
Parameter
Min
Typ
(1)
Max
Units
tCI
CS
¯¯ to INC
¯¯¯ Setup
100
–
–
ns
tDI
U/D
¯ to INC
¯¯¯ Setup
50
–
–
ns
tID
U/D
¯ to INC
¯¯¯ Hold
100
–
–
ns
tIL
INC
¯¯¯ LOW Period
250
–
–
ns
tIH
INC
¯¯¯ HIGH Period
250
–
–
ns
tIC
INC
¯¯¯ Inactive to CS
¯¯ Inactive
1
–
–
µs
tCPH
CS
¯¯ Deselect Time (NO STORE)
100
–
–
ns
tCPH
CS
¯¯ Deselect Time (STORE)
10
–
–
ms
tIW
INC
¯¯¯ to VOUT Change
–
1
5
µs
tCYC
INC
¯¯¯ Cycle Time
1
–
–
µs
tR, tF
(2)
INC
¯¯¯ Input Rise and Fall Time
–
–
500
µs
tPU
(2)
Power-up to Wiper Stable
–
–
1
ms
tWR
Store Cycle
–
5
10
ms
A.C. TIMING
Notes:
(1) Typical values are for TA = 25ºC and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
CS
INC
U/D
RW
tCI
tIL
MI(3)
90%
90%
10%
(store)
tCYC
tIH
tIC
tCPH
tF
tR
tDI
tID
tIW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com