| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST52T400 bảng dữ liệu(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T400 bảng dữ liệu(HTML) 61 Page - STMicroelectronics |
|
61 / 94 page ![]() ST52T400/T440/E440/T441 61/94 Table 9.2 Configuration Register 6 Description Bit Name Value Description 0 PRESC 00000 TIMER Clock = CLKM / 1 00001 TIMER Clock = CLKM / 2 00010 TIMER Clock = CLKM / 4 00011 TIMER Clock = CLKM / 8 1 00100 TIMER Clock = CLKM / 16 00101 TIMER Clock = CLKM / 32 00110 TIMER Clock = CLKM / 64 2 00111 TIMER Clock = CLKM / 128 01000 TIMER Clock = CLKM / 256 01001 TIMER Clock = CLKM / 512 3 01010 TIMER Clock = CLKM/1024 01011 TIMER Clock = CLKM/2048 01100 TIMER Clock = CLKM/4096 4 01101 TIMER Clock = CLKM/8192 01110 TIMER Clock=CLKM/16384 01111 TIMER Clock=CLKM/32768 10000 TIMER Clock=CLKM /65536 5TMRW 0 TIMEROUT Pulse type waveform 1 TIMEROUT Square type waveform 6 - - Not used 7 - - Not used Figure 9.6 Configuration Register 6 D7 D6 D5 D4 D3 D2 D1 D0 PRESC: Timer Prescaler TMRW: TIMEROUT waveform not used REG_CONF 6 TIMER |