công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST52T400 bảng dữ liệu(PDF) 39 Page - STMicroelectronics

tên linh kiện ST52T400
Giải thích chi tiết về linh kiện  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 bảng dữ liệu(HTML) 39 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 35Page - STMicroelectronics ST52T400 Datasheet HTML 36Page - STMicroelectronics ST52T400 Datasheet HTML 37Page - STMicroelectronics ST52T400 Datasheet HTML 38Page - STMicroelectronics ST52T400 Datasheet HTML 39Page - STMicroelectronics ST52T400 Datasheet HTML 40Page - STMicroelectronics ST52T400 Datasheet HTML 41Page - STMicroelectronics ST52T400 Datasheet HTML 42Page - STMicroelectronics ST52T400 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
ST52T400/T440/E440/T441
39/94
(*) Used only in ST52x440/441 devices
Table 4.2 Interrupts Description
Name
Description
Priority
Peripheral
Code
Mask-
able
Vector
Addresses
INT_AC(*)
Analog Comparator
Int
Programmable
000
yes
3-5
INT_PWM/TIMER
PWM/TIMER
Int
Programmable
001
yes
6-8
INT_TRIAC/F
TRIAC Falling Edge
Int
Programmable
010
yes
9-11
INT_TRIAC/R
TRIAC rising edge
Int
Programmable
011
yes
12-14
INT_TRIAC/P
TRIAC Pulse
Int
Programmable
100
yes
15-17
INT_EXT
External Interrupt (INT)
Ext
Highest
-
yes
18-20
Figure 4.4 Interrupt Configuration Register 0
REG_CONF0
Interrupts Mask
D7 D6 D5 D4 D3 D2 D1 D0
MSKE: Ext. Int.
MSKAC: An. Comp. Int.
MSKTM: Timer Int.
MSKTRF: Triac Fall. Int.
MSKTRR: Triac Ris. Int.
PEXTINT: Ext. Int. Ris/Fall.
MSKBR: Brown Out En.
MSKTRP: Triac Pulse Int.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94