| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K311NHT0MLFST bảng dữ liệu(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MLFST bảng dữ liệu(HTML) 43 Page - NXP Semiconductors |
|
43 / 142 page ![]() CDEC CDEC CBULK VDD_HV_B CDEC LAST MILE REGULATOR EXTERNAL NFET COUT_V11_NFET CDEC L_SMPS D_SMPS Q_SMPS COUT_V15_SMPS SMPS option CDEC CDEC CDEC CDEC CDEC CDEC CDEC V15 V11 CDEC E9 H9 H10 J8 J10 J13 K8 K9 K10 N6 N8 F1 H8 K5 L5 J7 N4 R7 R10 D14 E5 G10 H7 H13 K11 L8 N5 N9 H6 V11 V11 V11 V11 V11 V11 V11 V11 V11 V11 V11 NMOS_CTRL V15 PMOS_CTRL VDD_DCDC V25 VDD_HV_B VDD_HV_B VDD_HV_B VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VDD_HV_A VREFH CDEC CDEC CDEC CBULK VDD_HV_A CDEC CDEC CDEC V15 V11 J6 J5 B2 B16 D4 D9 E13 G7 G11 J1 J4 J9 J14 L7 L11 M5 N7 N10 P4 P14 T2 T7 T10 VREFL VSS_DCDC VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS T16 VSS COUT_V25 V25 CDEC VREFH VDD_DCDC Figure 27. 289BGA package decoupling capacitor pinout diagram, SMPS (S32K388) 6.4 V15 regulator (SMPS option) electrical specifications Some devices (S32K358, S32K348, S32K338, and S32K328) support a SMPS, DC-DC buck converter stage, with a dedicated pin to control an external Power P-channel MOSFET. In addition to the PMOS, an external inductor and a Schottky diode are required. See related figures in section "Recommended decoupling capacitors". The chip hardware design guidelines document lists the recommended part numbers for PMOS, Schottky diode and inductor. NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 43 / 142 |