| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K311NHT0MLFST bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MLFST bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 142 page ![]() Table 9. HSE firmware memory verification time examples (continued) Symbol Description Min Typ Max Unit Condition Spec Number using ECDSA 521 bits cipher. MHz; HSE_CLK = 80 MHz. tSHA2_256_64KB Memory verification of 64 KB of application firmware, using SHA2 256 bits bits cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tSHA2_256_ 1024KB Memory verification of 1024 KB of application firmware, using SHA2 256 bits bits cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tCMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 CMAC cipher. — 4.5 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tCMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 CMAC cipher. — 69.9 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tGMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 GMAC cipher. — 1.3 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tGMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 GMAC cipher. — 18.7 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tHMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 HMAC cipher. — 0.7 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tHMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 HMAC cipher. — 9.12 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tRSA_64KB Memory verification of 64 KB of — 15.4 — ms Device running from PLL (clocking option — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 28 / 142 |