| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K311NHT0MLFST bảng dữ liệu(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MLFST bảng dữ liệu(HTML) 27 Page - NXP Semiconductors |
|
27 / 142 page ![]() Table 9. HSE firmware memory verification time examples (continued) Symbol Description Min Typ Max Unit Condition Spec Number tCMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 CMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tGMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 GMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tGMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 GMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tHMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 HMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tHMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 HMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tRSA_64KB Memory verification of 64 KB of application firmware, using RSA 2048 cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tRSA_1024KB Memory verification of 1024 KB of application firmware, using RSA 2048 cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tECDSA_64KB Memory verification of 64 KB of application firmware, using ECDSA 521 bits cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — tECDSA_1024KB Memory verification of 1024 KB of application firmware, — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 27 / 142 |