| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K311NHT0MLFST bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MLFST bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 142 page ![]() Table 9. HSE firmware memory verification time examples (continued) Symbol Description Min Typ Max Unit Condition Spec Number application firmware, using AES-128 HMAC cipher. D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. tHMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 HMAC cipher. — 22.87 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tRSA_64KB Memory verification of 64 KB of application firmware, using RSA 2048 cipher. — TBC — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tRSA_1024KB Memory verification of 1024 KB of application firmware, using RSA 2048 cipher. — TBC — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tECDSA_64KB Memory verification of 64 KB of application firmware, using ECDSA 521 bits cipher. — TBC — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tECDSA_1024KB Memory verification of 1024 KB of application firmware, using ECDSA 521 bits cipher. — TBC — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tSHA2_256_64KB Memory verification of 64 KB of application firmware, using SHA2 256 bits bits cipher. — 1.62 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tSHA2_256_ 1024KB Memory verification of 1024 KB of application firmware, using SHA2 256 bits bits cipher. — 22.73 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tCMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 CMAC cipher. — TBC — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 26 / 142 |